Part Number Hot Search : 
MM124 GK2171 GK2171 89C51 060STR MMA701A CY7C132 060N03L
Product Description
Full Text Search
 

To Download J402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rohs peak wave solder temperature rating 260c suitable for cat 5 & 6 utp cable or better meets ieee 802.3 specification 350 h minimum ocl with 8ma bias current high performance for maximum emi suppression usa 858 674 8100 germany 49 7032 7806 0 singapore 65 6287 8998 shanghai 86 21 62787060 china 86 755 33966678 taiwan 886 3 4356768 rohs compliant part number (number of ports) hipot (vrms) tx rx 1-65 mhz 1-10 mhz 10-30 mhz 30-60 mhz 60-80 mhz 1-30 mhz 30-60 mhz 60-100 mhz 1-50 mhz 50-150 mhz @60hz 1 min j1006f01pnl 1ct:1 1ct:1 no g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1006f21nl 1ct:1 1ct:1 yes none -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1011f01pnl 1ct:1 1ct:1 no g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1011f21pnl 1ct:1 1ct:1 yes g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f01cnl 1ct:1 1ct:1 no y/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f21cnl 1ct:1 1ct:1 yes y/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f21knl 1ct:1 1ct:1 yes g/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f21rnl 1ct:1 1ct:1 yes rg/ry -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1026f01nl 1ct:1 1ct:1 no none -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1026f01pnl 1ct:1 1ct:1 no g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1026f21cnl 1ct:1 1ct:1 yes y/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 jp006821unl 1ct:1 1ct:1 yes g_o/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 jp011821unl 1ct:1 1ct:1 yes g_o/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 jp026821unl 1ct:1 1ct:1 yes g_o/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 notes: 1. leds left/right: g = green, y = yellow, g_o = green/orange bi-color led, r = leds with resistors. description: 100 base-tx (fast ethernet) rj45 1x1 tab-up with leds 8-pin (j1 series) and 6-pin (jp series) integrated magnetics connector, designed to support applications, such as adsl modems, lan-on-motherboard, and hub and switches. features and benefts: return loss (db typ) 100 ( 15 ) common mode rejection (db typ) crosstalk (db typ) electrical specifcations @ 25c - operating temperature 0c to +70c insertion loss (db typ) leds l/r emi fingers turns ratios J402.g (10/12) pulseelectronics.com pulsejack? 1x1 tab-up rj45
2 rj45 durability test rating part number mating force (max) unmating force (max) durability plug to jack retention ( min) jp/j1 series 5 ibs./2.268 kgs. 5 ibs./2.268 kgs. 750 insertions 20 ibs./9.072 kgs. rj45 material specifcation part number shield contact msl rating material finish material plating area solder area material specifcation jp/j1 series brass 10-20 inches thick nickel over 10-20 inches brass phosphor bronze nickel underplating and selective gold plating 15 inches tin matte fnish thermoplastic ul 94 v-0 1 housing notes: 1. connector dimensions comply with fcc dimension requirements. 2. msl = moisture sensitivity level rating from 1 to 5 (highest rating = 1, lowest rating = 5 2 j1 series mechanicals .550m ax max 13,97 12 11 10 9 7 5 3 8 6 4 2 pin #1 4x .003 0,08 .040 1,02 .060 1,52 .290 7,37 8x .003 0,08 .035 0,89 .100 2,54 .150 3,81 .200 5,08 .250 6,35 .300 7,62 .350 8,89 .400 10,16 .485 12,32 .000 0,00 .135 3,43 2x .003 0,08 .064 1,63 .250 6,35 .130 3,30 .000 0,00 .100 2,54 .675 17,15 .050 1,27 .050 1,27 2x .125 3,18 .129 3,28 .040 1,02 .390 9,91 front back 4x r .010 0,25 max (t op of pcb to bott om of opening) .010 0,25 .560 14,22 .670 17,02 .290 7,37 patent pending date code country of origin j10xxxxxx tm back view recommended panel cutout suggested pcb layout (component side) side view front view face view dimensions: i nches unless otherwise specified, all tolerances are . 010 mm 0,25 emi fingers emi fingers pulsej ac k .640 16,26 .150 3,81 left led shield pin right led J402.g (10/12) pulseelectronics.com pulsejack? 1x1 tab-up rj45
3 cable side tx+ tx- rx+ rx- 1 2 3 6 4 5 7 8 td+ ct td- rd+ ct rd- pcb side to phy 1ct :1 receive 1ct :1 transmit 1 3 2 7 4 6 8 5 chs ground note: connect chs gnd to pcb gr ound. 75 75 75 75 c1 0.001 f j1006 j1 series electrical schematics j1011 j1012 j1026 td+ ct td- rd+ ct rd- pcb side to phy cable side n/c 1ct :1 transmit 1ct :1 transmit 1 3 n/c 2 7 6 8 tx+ tx- rx+ rx- 1 2 3 6 4 5 7 8 4 5 note: connect chs gnd to pcb gr ound. 1ct :1 transmit 1ct :1 transmit cable side tx+ tx- rx+ rx- 1 2 3 6 4 5 7 8 td+ ct td- rd+ ct rd- pcb side to phy 1 3 chs ground 2 7 6 8 4 5 75 75 75 c1 0.001 f 75 note: connect chs gnd to pcb gr ound. yellow 585 nm 2.5 v 2.1 v green 565 nm 2.5 v 2.2 v standard led wavelength forward* v(max) (typ) * with a forward current of 20 ma led = p right led left led right led left led led = l or r led = c or k 9 10 12 11 10 9 12 11 10 9 12 11 right led left led td+ ct td- rd+ ct rd- pcb side to phy cable side 1ct :1 receive 1ct :1 transmit 1 2 3 4 5 6 tx+ tx- rx+ rx- 1 2 3 6 4 5 7 8 8 chs ground note: connect chs gnd to pcb gr ound. 75 75 75 75 c1 J402.g (10/12) pulseelectronics.com pulsejack? 1x1 tab-up rj45
4 jp series mechanicals . 550 max. [13.97 max. ] .130 [3.30] .125 [3.17] .305 [7.75] .661 [16.79] .565 [14.35] .125 .020 .656 [16.66 ] .999 [25.37 ] .394 [10.00 ] 5x .080 [2.03 ] .500 [12.70 ] 2x .068 [1.71] [3.18 .0.51 ] dimensions : inche s unless otherwise specified, all tolerances are .010 mm 0,25 emi fingers J402.g (10/12) pulseelectronics.com pulsejack? 1x1 tab-up rj45
5 for more information pulse worldwide headquarters 12220 world trade drive san diego, ca 92128 u.s.a. tel: 858 674 8100 pulse europe einsteinstrasse 1 d-71083 herren - berg germany tel: 49 7032 7806 pulse china headquarters b402, shenzhen academy of aerospace technol - ogy bldg. 10th kejinan road high-tech zone nanshan district shenzen, pr china 518057 pulse north china room 2704/2705 super ocean finance ctr. 2067 yan an road west shanghai 200336 china pulse south asia 135 joo seng road #03-02 pm industrial bldg. singapore 368363 tel: 65 6287 8998 fax: 65 6287 8998 pulse north asia 3f, no. 198 zhongyuan road zhongli city taoyuan county 320 taiwan r. o. c. tel: 886 3 4356768 fax: 886 3 4356823 (pulse) performance warranty of products ofered on this data sheet is limited to the parameters specifed. data is subject to change without notice. other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. ? copyright, 2012. pulse electronics, inc. all rights reserved. jp006 jp series electrical schematics jp011 jp026 cable side td+ ct td- rd+ ct rd- tx+ tx- rx+ rx- pcb side to phy 1ct :1 transmit 1ct :1 transmit 2 1 3 4 6 8 1 2 6 4 5 7 8 3 note: connect chs gnd to pcb gr ound. cable side td+ ct td- rd+ ct rd- tx+ tx- rx+ rx- pcb side to phy 1ct :1 transmit 1ct :1 transmit 2 1 3 5 4 6 1 2 6 4 5 7 8 3 note: connect chs gnd to pcb gr ound. 75 75 75 75 0.001 f shield cable side td+ ct td- rd+ ct rd- tx+ tx- rx+ rx- pcb side to phy 1ct :1 transmit 1ct :1 transmit 2 1 3 5 4 6 1 2 6 4 5 7 8 3 note: connect chs gnd to pcb gr ound. 75 75 75 75 0.001 f shield yellow 585 nm 2.5 v 2.1 - 2.2 v green 565 nm 2.5 v 2.1 - 2.2 v orange 610 nm 2.5 v 2.1 - 2.2 v standard led wavelength forward* v (max) (typ) * with a forward current of 20 ma pulseelectronics.com pulsejack? 1x1 tab-up rj45 J402.g (10/12)


▲Up To Search▲   

 
Price & Availability of J402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X